| Moteur de recherche de fiches techniques de composants électroniques |
|
FSA2467MPX Fiches technique(PDF) 11 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FSA2467MPX Fiches technique(HTML) 11 Page - ON Semiconductor |
|
11 / 13 page ![]() © 2005 Fairchild Semiconductor Corporation www.fairchildsemi.com FSA2467 Rev. 1.0.8 10 Package Dimensions RECOMMENDED LAND PATTERN NOTES: A. PACKAGE DOES NOT FULLY CONFORM TO JEDEC STANDARD. B. DIMENSIONS ARE IN MILLIMETERS. C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. D. LAND PATTERN RECOMMENDATION IS BASED ON FSC DESIGN ONLY. E. DRAWING FILENAME: MKT-UMLP16Arev4. F. TERMINAL SHAPE MAY VARY ACCORDING TO PACKAGE SUPPLIER, SEE TERMINAL SHAPE VARIANTS. SCALE : 2X LEAD OPTION 1 SCALE : 2X LEAD OPTION 2 PIN#1 IDENT PIN#1 IDENT PACKAGE EDGE TOP VIEW BOTTOM VIEW 0.10 C 0.08 C 2.60 1.80 0.10 C 2X 2X SIDE VIEW 0.10 C 0.05 0.00 0.10 C A B 0.05 C 0.55 MAX. 0.40 1 5 9 13 16 2.10 2.90 0.40 0.663 0.563 0.225 1 (15X) (16X) 0.152 0.40 0.60 0.10 0.30 0.50 0.10 TERMINAL SHAPE VARIANTS 0.15 0.25 15X PIN 1 NON-PIN 1 0.15 0.25 15X 0.30 0.50 0.15 0.25 0.30 0.50 0.15 0.25 15X 15X Supplier 1 Supplier 2 PIN 1 NON-PIN 1 A B C SEATING PLANE 0.45 0.35 0.55 0.45 0.25 0.15 R0.20 Figure 16. 16-Lead, Ultrathin Molded Leadless Package (UMLP) Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision . Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/. |