| Moteur de recherche de fiches techniques de composants électroniques |
|
X0205MA-2BL2 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
X0205MA-2BL2 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() 1/6 ® X02 Series SENSITIVE 1.25A SCRs September 2000 - Ed: 3 MAIN FEATURES: DESCRIPTION Thanks to highly sensitive triggering levels, the X02 SCR series is suitable for all applications where the available gate current is limited, such as ground fault circuit interruptors, overvoltage crowbar protection in low power supplies, capacitive ignition circuits, ... Available in though-hole or surface-mount packages, these devices are optimized in forward voltage drop and inrush current capabilities, for reduced power losses and high reliability in harsh environments. Symbol Value Unit IT(RMS) 1.25 A VDRM/VRRM 600 and 800 V IGT 50 to 200 µA ABSOLUTE RATINGS (limiting values) Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) TO-92 TI = 55°C 1.25 A SOT-223 Ttab = 95°C IT(AV) Average on-state current (180° conduction angle) TO-92 TI = 55°C 0.8 A SOT-223 Ttab = 95°C ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25°C 25 A tp = 10 ms 22.5 I ²tI²t Value for fusing tp = 10 ms Tj = 25°C 2.5 A2S dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 60 Hz Tj = 125°C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125°C 1.2 A PG(AV) Average gate power dissipation Tj = 125°C 0.2 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C G A K TO-92 (X02xxA) SOT-223 (X02xxN) |
Numéro de pièce similaire - X0205MA-2BL2 |
|
Description similaire - X0205MA-2BL2 |