Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMXSF Fiches technique(PDF) 4 Page - AVX Corporation

No de pièce LMXSF
Description  Magnetically Shielded Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

LMXSF Fiches technique(HTML) 4 Page - AVX Corporation

  LMXSF Datasheet HTML 1Page - AVX Corporation LMXSF Datasheet HTML 2Page - AVX Corporation LMXSF Datasheet HTML 3Page - AVX Corporation LMXSF Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
26
131H
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
2R0
2.0
M
100KHz,1.0V
0.014
6.20
4R2
4.2
M
100KHz,1.0V
0.018
5.50
7R0
7.0
M
100KHz,1.0V
0.022
5.00
100
10
M
100KHz,1.0V
0.025
4.80
150
15
M
100KHz,1.0V
0.029
4.20
220
22
M
100KHz,1.0V
0.038
3.50
330
33
M
100KHz,1.0V
0.049
2.80
470
47
M
100KHz,1.0V
0.070
2.40
680
68
M
100KHz,1.0V
0.095
2.00
101
100
M
100KHz,1.0V
0.150
1.60
221
220
M
100KHz,1.0V
0.330
1.00
131J
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
1R2
1.2
M
100KHz,1.0V
0.009
8.20
2R7
2.7
M
100KHz,1.0V
0.012
7.00
3R9
3.9
M
100KHz,1.0V
0.013
6.70
5R6
5.6
M
100KHz,1.0V
0.014
6.30
6R8
6.8
M
100KHz,1.0V
0.016
5.90
100
10
M
100KHz,1.0V
0.019
5.40
150
15
M
100KHz,1.0V
0.022
4.70
220
22
M
100KHz,1.0V
0.032
4.00
330
33
M
100KHz,1.0V
0.048
3.20
470
47
M
100KHz,1.0V
0.064
2.70
680
68
M
100KHz,1.0V
0.094
2.00
101
100
M
100KHz,1.0V
0.150
1.90
151
150
M
100KHz,1.0V
0.210
1.50
221
220
M
100KHz,1.0V
0.310
1.30
LMax SMD Power Inductor
LMXS Series – Shielded Style F



Html Pages

1 2 3 4