Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLA100E1200KB Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce CLA100E1200KB
Description  High Efficiency Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

CLA100E1200KB Fiches technique(HTML) 4 Page - IXYS Corporation

  CLA100E1200KB Datasheet HTML 1Page - IXYS Corporation CLA100E1200KB Datasheet HTML 2Page - IXYS Corporation CLA100E1200KB Datasheet HTML 3Page - IXYS Corporation CLA100E1200KB Datasheet HTML 4Page - IXYS Corporation CLA100E1200KB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CLA100E1200KB
4
2
1
3
E
D
Q
Q1
R
R1
L1
L
A
c
A1
b
b1
b2
e
Back side
Rückseite
Ø P
S
Ø T
A2
MIN
MAX
MIN
MAX
A
0.190
0.202
4.82
5.13
A1
0.100
0.114
2.54
2.89
A2
0.079
0.083
2.00
2.10
b
0.044
0.056
1.12
1.42
b1
0.094
0.106
2.39
2.69
b2
0.114
0.122
2.90
3.09
c
0.021
0.033
0.53
0.83
D
1.020
1.030
25.91
26.16
E
0.780
0.786
19.81
19.96
e
J
0.000
0.010
0.00
0.25
K
0.000
0.010
0.00
0.25
L
0.800
0.820
20.32
20.83
L1
0.090
0.102
2.29
2.59
P
0.125
0.144
3.17
3.66
Q
0.239
0.247
6.07
6.27
Q1
0.330
0.342
8.38
8.69
R
0.150
0.170
3.81
4.32
R1
0.070
0.090
1.78
2.29
S
0.238
0.248
6.04
6.30
T
0.062
0.072
1.57
1.83
MILLIMETERS
INCHES
SYM
5.46 BSC
.215 BSC
2
1
3
Outlines
TO-264
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5