| Moteur de recherche de fiches techniques de composants électroniques |
|
SSM2603 Fiches technique(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2603 Fiches technique(HTML) 27 Page - Analog Devices |
|
27 / 31 page ![]() Data Sheet SSM2603 Rev. D | Page 27 of 31 ACTIVE, ADDRESS 0x09 Table 32. Active Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 Active Table 33. Descriptions of Active Register Bit Bit Name Description Settings Active Digital core activation control 0 = disable digital core (default) 1 = activate digital core SOFTWARE RESET, ADDRESS 0x0F Table 34. Software Reset Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 Reset[8:0] Table 35. Descriptions of Software Reset Register Bits Bit Name Description Settings Reset[8:0] Write all 0s to this register to set all registers to their default settings. Other data written to this register has no effect. 0 = reset (default) |