Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1761BCPZ-R7 Fiches technique(PDF) 49 Page - Analog Devices

No de pièce ADAU1761BCPZ-R7
Description  Audio Codec
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Fiches technique(HTML) 49 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Data Sheet
ADAU1761
Rev. D | Page 49 of 93
SOFTWARE SLEW
When the values of signal processing parameters are changed
abruptly in real time, they sometimes cause pop and click
sounds to appear on the audio outputs. To avoid pops and
clicks, some algorithms in SigmaStudio implement a software
slew functionality. Algorithms using software slew set a target
value for a parameter and continuously update the value of that
parameter until it reaches the target.
The target value takes an additional space in parameter RAM,
and the current value of the parameter is updated in the non-
modulo section of data RAM. Assignment of parameters and
nonmodulo data RAM is handled by the SigmaStudio compiler
and does not need to be programmed manually.
Slew parameters can follow several different curves, including
an RC-type curve and a linear curve. These curve types are
coded into each algorithm and cannot be modified by the user.
Because algorithms that use software slew generally require more
RAM than their nonslew equivalents, they should be used only
in situations where a parameter will change during operation of
the device.
Figure 70 shows an example of volume slew applied to a sine wave.
INITIAL
VALUE
SLEW
CURVE
NEW TARGET
VALUE
Figure 70. Example of Volume Slew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93