Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0684 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 41Page - STMicroelectronics STV0684 Datasheet HTML 42Page - STMicroelectronics STV0684 Datasheet HTML 43Page - STMicroelectronics STV0684 Datasheet HTML 44Page - STMicroelectronics STV0684 Datasheet HTML 45Page - STMicroelectronics STV0684 Datasheet HTML 46Page - STMicroelectronics STV0684 Datasheet HTML 47Page - STMicroelectronics STV0684 Datasheet HTML 48Page - STMicroelectronics STV0684 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
47/49
STV0684
Package Information
Figure 26: LFBGA 12x12x1.70 196 (80% scale versus original drawing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49