Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMUX1000L Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STMUX1000L
Description  GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1000L Fiches technique(HTML) 7 Page - STMicroelectronics

  STMUX1000L Datasheet HTML 1Page - STMicroelectronics STMUX1000L Datasheet HTML 2Page - STMicroelectronics STMUX1000L Datasheet HTML 3Page - STMicroelectronics STMUX1000L Datasheet HTML 4Page - STMicroelectronics STMUX1000L Datasheet HTML 5Page - STMicroelectronics STMUX1000L Datasheet HTML 6Page - STMicroelectronics STMUX1000L Datasheet HTML 7Page - STMicroelectronics STMUX1000L Datasheet HTML 8Page - STMicroelectronics STMUX1000L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STMUX1000L
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.05
0.002
A3
0.20
0.008
b
0.20
0.25
0.30
0.008
0.010
0.012
D
10.90
11.00
11.10
0.429
0.433
0.437
D2
8.30
8.40
8.50
0.327
0.331
0.335
D3
9.50
0.374
E
4.90
5.00
5.10
0.193
0.197
0.201
E2
2.30
2.40
2.50
0.091
0.094
0.098
E3
3.50
0.138
e
0.50
0.020
L
0.30
0.40
0.50
0.012
0.016
0.020
QFN56 (11x5) MECHANICAL DATA
7576329-A



Html Pages

1 2 3 4 5 6 7 8 9