Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS45-08IO1 Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce CS45-08IO1
Description  Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS45-08IO1 Fiches technique(HTML) 4 Page - IXYS Corporation

  CS45-08IO1 Datasheet HTML 1Page - IXYS Corporation CS45-08IO1 Datasheet HTML 2Page - IXYS Corporation CS45-08IO1 Datasheet HTML 3Page - IXYS Corporation CS45-08IO1 Datasheet HTML 4Page - IXYS Corporation CS45-08IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CS45-08io1
S
Ø
P
Ø
P1
D2
D1
E1
4
1
2
3
L
L1
2x
b2
3x
b
b4
2x
e
2x
E2
D
E
Q
A
A2
A1
C
Sym.
Inches
Millimeter
min.
max.
min.
max.
A
0.185
0.209
4.70
5.30
A1
0.087
0.102
2.21
2.59
A2
0.059
0.098
1.50
2.49
D
0.819
0.845
20.79
21.45
E
0.610
0.640
15.48
16.24
E2
0.170
0.216
4.31
5.48
e
0.215 BSC
5.46 BSC
L
0.780
0.800
19.80
20.30
L1
-
0.177
-
4.49
Ø P
0.140
0.144
3.55
3.65
Q
0.212
0.244
5.38
6.19
S
0.242 BSC
6.14 BSC
b
0.039
0.055
0.99
1.40
b2
0.065
0.094
1.65
2.39
b4
0.102
0.135
2.59
3.43
c
0.015
0.035
0.38
0.89
D1
0.515
-
13.07
-
D2
0.020
0.053
0.51
1.35
E1
0.530
-
13.45
-
Ø P1
-
0.29
-
7.39
2
1
3
Outlines
TO-247
IXYS reserves the right to change limits, conditions and dimensions.
20150827d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5