Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS22-08IO1M Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce CS22-08IO1M
Description  High Efficiency Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS22-08IO1M Fiches technique(HTML) 4 Page - IXYS Corporation

  CS22-08IO1M Datasheet HTML 1Page - IXYS Corporation CS22-08IO1M Datasheet HTML 2Page - IXYS Corporation CS22-08IO1M Datasheet HTML 3Page - IXYS Corporation CS22-08IO1M Datasheet HTML 4Page - IXYS Corporation CS22-08IO1M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CS22-08io1M
Ø P
A
A1
H
A2
Q
L1
D
E
L
b
b1
c
e
1
2 3
min
max
min
max
A
4.50
4.90
0.177
0.193
A1
2.34
2.74
0.092
0.108
A2
2.56
2.96
0.101
0.117
b
0.70
0.90
0.028
0.035
c
0.45
0.60
0.018
0.024
D
15.67
16.07
0.617
0.633
E
9.96
10.36
0.392
0.408
e
H
6.48
6.88
0.255
0.271
L
12.68
13.28
0.499
0.523
L1
3.03
3.43
0.119
0.135
Ø P
3.08
3.28
0.121
0.129
Q
3.20
3.40
0.126
0.134
Dim.
Millimeters
Inches
2.54 BSC
0.100 BSC
2
1
3
Outlines
TO-220FP
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5