Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS Fiches technique(PDF) 4 Page - AVX Corporation

No de pièce AS
Description  Square Air Core RF Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

AS Fiches technique(HTML) 4 Page - AVX Corporation

  AS_15 Datasheet HTML 1Page - AVX Corporation AS_15 Datasheet HTML 2Page - AVX Corporation AS_15 Datasheet HTML 3Page - AVX Corporation AS_15 Datasheet HTML 4Page - AVX Corporation AS_15 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
162
7
TYPICAL RoHS REFLOW PROFILE
Square Air Core RF Inductors
AS Series
300
250
217
200
150
100
50
0
0
30
60
90
120
150
180
210
240
270
300
Time within 5ºC
of peak temperature
(30 seconds)
Time (seconds)
Preheat / Soak
(60–120 seconds)
Reflow
Time above 217ºC
(60–150 seconds)
Ramp-Up
3ºC/sec max
Ramp-Down
6ºC/sec max
Peak Temperature
255–260ºC



Html Pages

1 2 3 4 5