| Moteur de recherche de fiches techniques de composants électroniques |
|
LR2915G-AD-SH2-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR2915G-AD-SH2-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() LR2915 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R102-088.a ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN -0.3 ~ 7 V Output Voltage VOUT -0.3 ~ VIN+0.3 V Junction Temperature TJ +150 °C Storage Temperature TSTG -65 ~ 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL RATINGS UNIT Input Voltage Range VIN 2.5 ~ 6.0 V Ambient Temperature Range TA -40 ~ 85 °C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 90 °C/W ELECTRICAL CHARACTERISTICS All parameters are guaranteed over the operational supply voltage and temperature range. Operating conditions unless otherwise noted are: VIN=5V, VOUT=2.5V and TA=25°C. Typical values are for information only. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage Quiescent Current IQ IOUT=100mA 300 uA Shutdown Current ISTD VIN=6V, VEN=GND 0.2 2 uA Feedback (FB) Feedback Voltage Accuracy VF IOUT=10mA, TA =25°C 490 500 510 mV Input Bias Current IF VFB=0.5V, VIN =6V 0.001 0.1 uA Output (OUT) Output Accuracy VOUT -2 2 % Load Regulation RLO IOUT=1mA to 1.5A 0.1 2 %/A Line Regulation RLN VIN=2.2~6V, VOUT=1.225V, IOUT=1mA -0.2 0.2 %/V IOUT=1.5A,VFB=480mV 400 IOUT=1A,VFB=480mV 140 280 Dropout Voltage VD IOUT=0.5A,VFB=480mV 200 mV Current Limit IC 1.6 A Load transient (Note 1) LOT IOUT=20mA to 1.5A, 3 % Line Transient (Note 1) RNT ∆VIN=0.5V 3 % Enable (EN) VENH EN rising, VIN=OUT+1V~6V 1.2 6 V Input Threshold VENL EN falling, VIN=OUT+1V~6V 0.4 Input Bias Current IEN EN=0 or 6V -1 0 1 uA Thermal Shutdown (TSD) (Note 1) TSDON TSD On 165 TSD Threshold TSDOFF TSD Off 145 Note: Guaranteed by design but not production tested. |