Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR71833AG-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce LR71833AG-S08-R
Description  LOW NOISE DUAL 300mA LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR71833AG-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  LR71833AG-S08-R Datasheet HTML 1Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 2Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 3Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 4Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 5Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 6Page - Unisonic Technologies LR71833AG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR7XXYY
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-068.b
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR7XXYYAL-S08-R
LR7XXYYAG-S08-R
SOP-8
Tape Reel
LR7XXYYAL-SH2-R
LR7XXYYAG-SH2-R
HSOP-8
Tape Reel
Note: XXYY: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) S08: SOP-8, SH2: HSOP-8
(3) G: Halogen Free and Lead Free
(4) A:
without auto-discharge function at off state
(5) YY: refer to Marking Information
(6) XX: refer to Marking Information
LR7XXYYAG-S08-R
(1)Packing Type
(2)Package Type
(3)Green Package
(4)Discharge Function
(5)Voltage Code at VOUT2
(6)Voltage Code at VOUT1



Html Pages

1 2 3 4 5 6 7