Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4309CX9 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce IP4309CX9
Description  HDMI octal channel low capacitive high-performance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4309CX9 Fiches technique(HTML) 3 Page - NXP Semiconductors

  IP4309CX9 Datasheet HTML 1Page - NXP Semiconductors IP4309CX9 Datasheet HTML 2Page - NXP Semiconductors IP4309CX9 Datasheet HTML 3Page - NXP Semiconductors IP4309CX9 Datasheet HTML 4Page - NXP Semiconductors IP4309CX9 Datasheet HTML 5Page - NXP Semiconductors IP4309CX9 Datasheet HTML 6Page - NXP Semiconductors IP4309CX9 Datasheet HTML 7Page - NXP Semiconductors IP4309CX9 Datasheet HTML 8Page - NXP Semiconductors IP4309CX9 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IP4309CX9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 March 2011
3 of 14
NXP Semiconductors
IP4309CX9
HDMI octal channel low capacitive high-performance ESD protection
3.
Ordering information
4.
Functional diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4309CX9
WLCSP9
wafer level chip-size package; 9 bumps;
1.16
 1.16  0.61 mm
IP4309CX9
Fig 2.
Schematic diagram IP4309CX9
A1
A2
A3
B3
B2
B1
C1 C2
C3
018aaa112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14