Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M36LLR8760 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M36LLR8760
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M36LLR8760 Datasheet HTML 4Page - STMicroelectronics M36LLR8760 Datasheet HTML 5Page - STMicroelectronics M36LLR8760 Datasheet HTML 6Page - STMicroelectronics M36LLR8760 Datasheet HTML 7Page - STMicroelectronics M36LLR8760 Datasheet HTML 8Page - STMicroelectronics M36LLR8760 Datasheet HTML 9Page - STMicroelectronics M36LLR8760 Datasheet HTML 10Page - STMicroelectronics M36LLR8760 Datasheet HTML 11Page - STMicroelectronics M36LLR8760 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M36L0R7050T0, M36L0R7050B0
8/18
FUNCTIONAL DESCRIPTION
The PSRAM and Flash memory components have
separate power supplies but share the same
grounds. They are distinguished by three Chip En-
able inputs: EF for the Flash memory and E1P and
E2P for the PSRAM.
Recommended operating conditions do not allow
more than one device to be active at a time. The
most common example is simultaneous read oper-
ations in the Flash memory and the PSRAM which
would result in a data bus contention. Therefore it
is recommended to put the other device in the high
impedance state when reading the selected de-
vice.
Figure 4. Functional Block Diagram
AI08733
RPF
WPF
E1P
E2P
GP
WP
DQ0-DQ15
VDDF VPPF
A21-A22
32 Mbit
PSRAM
GF
WF
UBP
LBP
WAITF
KF
LF
VSS
128 Mbit
Flash
Memory
VDDP
EF
A0-A20
VDDQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18