Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GT5-2/1PP-R Fiches technique(PDF) 2 Page - Hirose Electric

No de pièce GT5-2/1PP-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1PP-R Fiches technique(HTML) 2 Page - Hirose Electric

  GT5-2/1PP-R Datasheet HTML 1Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 2Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 3Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 4Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 5Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 6Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 7Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 8Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
8
GT5 Series ● For Antenna
B Test Data (Using 1.5D-2V Type cable)
B Termination sequence
High Frequency Characteristics (V.S.W.R.)
Note : Typical data using fully assemblied and connected GT5-1S-HU and the GT5-1PP-HU.
3.5
9.5
5
3. Insert the terminal in the housing until fully locked.
Push in the terminal with cable in the housing until
the housing lance locked.
4. Fully insert the retainer.
Push in the retainer until locked.
2. Crimp the cable to the terminal.
1. Strip the cable
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1
1.0
2.0
3.0GHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22