| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T62 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T62 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 33 page ![]() 5/33 M41T62/63/64/65 Figure 7. M41T62 16-pin QFN Connections Note: 1. SQW Output will default to 32KHz upon power-up. 2. Open Drain. Figure 8. M41T63 16-pin QFN Connections Note: 1. SQW Output will default to 32KHz upon power-up. 2. Open Drain. Figure 9. M41T64 16-pin QFN Connections Note: 1. Enabled on power-up. 2. Open Drain. Figure 10. M41T65 16-pin QFN Connections Note: 1. Open Drain. Table 2. Signal Names 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO SQW (1) VSS NC SCL SDA IRQ/OUT (2) AI09100 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO SQW (1) VSS NC SCL SDA WDO (2) AI09190 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO F32K (1) VSS NC SCL SDA SQW (2) AI09101 XI Oscillator Input XO Oscillator Output SDA Serial Data Input/Output SCL Serial Clock Input IRQ/OUT Interrupt or OUT Output (Open Drain) IRQ/FT/ OUT Interrupt, Frequency Test, or OUT Output (Open Drain) SQW Programmable Square Wave - Defaults to 32KHz on Power-up (Open Drain for M41T64 only) F32K Dedicated 32KHz Output (M41T64 only) WDO Watchdog Timer Output (Open Drain) VCC Supply Voltage VSS Ground 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO WDO (1) VSS NC SCL SDA IRQ/FT/OUT (1) AI09102 |