| Moteur de recherche de fiches techniques de composants électroniques |
|
SCF5250EC Fiches technique(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCF5250EC Fiches technique(HTML) 46 Page - NXP Semiconductors |
|
46 / 56 page ![]() SCF5250 Data Sheet: Technical Data, Rev. 1.3 46 Freescale Semiconductor J2 A6 O SDRAM address / static adr Out L1 A5 O SDRAM address / static adr Out P_GND PAD_GND PAD_GND J3 A4 O SDRAM address / static adr Out K2 A3 O SDRAM address / static adr Out L2 A2 O SDRAM address / static adr Out M1 A1 O SDRAM address / static adr Out K3 CS0 O Static chip select 0 Out L3 RWB O Bus write enable Out J5 OSCPAD_VDD OSCPAD_VDD M2 CRIN Crystal / external clock input X N1 CROUT Crystal clock output X J6 OSCPAD_GND OSCPAD_GND K5 PLLCORE_VDD PLLCORE_VDD K5 PLLCORE_VDD PLLCORE_VDD K5 PLLCORE_VDD PLLCORE_VDD K6 PLLCORE_GND PLLCORE_GND K6 PLLCORE_GND PLLCORE_GND K6 PLLCORE_GND PLLCORE_GND M3 OE O Output enable Out M4 IDEDIOW_GP32 I/O IDE DIOW Out / High M5 IDEIORDY_GP33 I/O IDE interface IORDY Out / Low N3 IDEDIOR_GP31 I/O IDE interface DIOR Out / High M6 BUFENB2_GP30 I/O External Buffer 2 enable Out / High P2 BUFENB1_GP29 I/O External Buffer 1 enable Out / High N4 TA_GP12 I/O Transfer acknowledge In (requires pull-up for normal operation) Table 36. 196 MAPBGA Pin Assignments (continued) MAPBGA Pin Name Type Description Pin State After Reset |