| Moteur de recherche de fiches techniques de composants électroniques |
|
DLPC6421 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC6421 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 48 page ![]() 10 DLPC6421 DLPS117 – JULY 2018 www.ti.com Product Folder Links: DLPC6421 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Pin Configurations and Functions (continued) PIN (1) I/O (2) DESCRIPTION NAME NO. GPIO_67 J24 B2 N/A N/A GPIO_66 J23 B2 N/A N/A GPIO_65 J22 B2 N/A N/A GPIO_64 H26 B2 N/A N/A GPIO_63 H25 B2 N/A N/A GPIO_62 H24 B2 N/A N/A GPIO_61 H23 B2 N/A N/A GPIO_60 H22 B2 N/A N/A GPIO_59 G26 B2 N/A N/A GPIO_58 G25 B2 LED_SENSE_PULSE (O) N/A GPIO_57 F25 B2 N/A N/A GPIO_56 G24 B2 I2C_BUSY (O) SYSTEM_BUSY (O) GPIO_55 G23 B2 N/A N/A GPIO_54 F26 B2 N/A N/A GPIO_53 E26 B2 N/A N/A GPIO_52 AB12 B2 N/A N/A GPIO_51 AC11 B2 N/A N/A GPIO_50 V23 B2 N/A HBT_CLKOUT (O) GPIO_49 V24 B2 N/A HBT_DO (O) GPIO_48 V25 B2 N/A N/A GPIO_47 V26 B2 N/A N/A GPIO_46 T22 B2 PROJ_ON (I) N/A GPIO_45 U23 B2 N/A N/A GPIO_44 U24 B2 N/A HBT_CLKIN_0 (I) GPIO_43 U25 B2 N/A HBT_DI_0 (I) GPIO_42 U26 B2 N/A SSP0_CSZ4 (B) GPIO_41 R22 B2 N/A DASYNC (I) GPIO_40 T23 B2 N/A N/A GPIO_39 F24 B2 SW reserved (Boot Hold) SW reserved (Boot Hold) GPIO_38 E25 B2 SW reserved (USB Enumeration Enable) SW reserved (USB Enumeration Enable) GPIO_37 G22 B2 N/A N/A GPIO_36 A12 B2 PM_ADDR_22 (O) N/A GPIO_35 E11 B2 PM_ADDR_21 (O) N/A GPIO_34 F23 B2 SSP1_CSZ_1 (B) N/A GPIO_33 D26 B2 SSP1_CSZ_0 (B) N/A GPIO_32 E24 B2 SSP1_DO (O) N/A GPIO_31 F22 B2 SSP1_DI (I) N/A GPIO_30 D25 B2 SSP1_CLK (B) N/A GPIO_29 E23 B2 N/A N/A GPIO_28 C26 B2 N/A N/A GPIO_27 AB4 B2 SSP0_CSZ3 (B) N/A GPIO_26 D24 B2 Blue LED enable (O) N/A GPIO_25 C25 B2 Green LED enable (O) N/A GPIO_24 B26 B2 Red LED enable (O) N/A GPIO_23 E21 B2 N/A N/A GPIO_22 D22 B2 N/A N/A GPIO_21 E20 B2 N/A N/A GPIO_20 C23 B2 N/A N/A GPIO_19 D21 B2 N/A N/A GPIO_18 B24 B2 N/A N/A GPIO_17 C22 B2 N/A N/A GPIO_16 B23 B2 N/A N/A GPIO_15 E19 B2 I2C_1 SDA (B) N/A GPIO_14 D20 B2 I2C_1 SCL (B) N/A |