Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EGBD Fiches technique(PDF) 1 Page - All Sensors Corporation

No de pièce EGBD
Description  For suggested pad layout, see drawing: PAD-01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

EGBD Fiches technique(HTML) 1 Page - All Sensors Corporation

  EGBD Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.169
4.28
0.64
2.12
0.084
0.025
0.350
(min)
8.89
All Sensors
E-Series Package
DO NOT SCALE DRAWING
EGBD Package Rev A
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
Absolute devices
are without port hole.
4.41
0.174
0.032
0.81
E. DEJARNETTE 07/27/09
NOTES
1) Dimensions are in inches [mm]
2) For suggested pad layout, see drawing: PAD-03
Pin 1 2 3 4
Pin 8 7 6 5
0.200
5.08
Port B
0.425
10.80
12.70
0.500
0.083
2.54
0.100
2.11
0.045
1.14


Numéro de pièce similaire - EGBD

FabricantNo de pièceFiches techniqueDescription
logo
LEMO Connectors
EGB.2G.318.CLN LEMO-EGB.2G.318.CLN Datasheet
66Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
logo
Eaton All Rights Reserv...
EGB1015AFB EATON-EGB1015AFB Datasheet
1,007Kb / 63P
Circuit Breakers
EGB1015AFE EATON-EGB1015AFE Datasheet
1,007Kb / 63P
Circuit Breakers
EGB1015AFG EATON-EGB1015AFG Datasheet
1,007Kb / 63P
Circuit Breakers
EGB1015AFM EATON-EGB1015AFM Datasheet
1,007Kb / 63P
Circuit Breakers
More results

Description similaire - EGBD

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNJ ASC-EGNJ Datasheet
44Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1BR ASC-P1BR Datasheet
226Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com