| Moteur de recherche de fiches techniques de composants électroniques |
|
CPPD Fiches technique(PDF) 1 Page - All Sensors Corporation |
|
|
|||||||||||||||||||||||||||||
CPPD Fiches technique(HTML) 1 Page - All Sensors Corporation |
|
|
1 / 1 page ![]() 0.400 10.16 0.351 8.93 0.020 (typ) 0.51 0.100 (typ) 2.54 0.200 5.08 0.060 1.52 Pin 1 2 3 4 Pin 8 7 6 5 Part Marking 0.318 8.07 0.025 0.64 0.124 3.15 0.013 0.34 0.424 10.77 Port B Port A E. DEJARNETTE 07/10/09 NOTES 1) Dimensions are in inches [mm]. 2) For suggested pad layout, see drawing: PAD-03 CPPD Package Dwg DO NOT SCALE DRAWING CPPD Rev B SHEET 1 OF 1 UNLESS OTHERWISE SPECIFIED: SCALE: 2:1 REV FILE NAME A SIZE TITLE: DIMENSIONS ARE IN INCHES TOLERANCES: FRACTIONAL ANGULAR: MACH BEND TWO PLACE DECIMAL THREE PLACE DECIMAL 5 4 3 2 1 All Sensors NAME DATE Q.A. MFG APPR. ENG APPR. CHECKED DRAWN PROPRIETARY AND CONFIDENTIAL THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED. Pin 1 Identier (Yellow Paint Dot) |
Numéro de pièce similaire - CPPD |
|
Description similaire - CPPD |