| Moteur de recherche de fiches techniques de composants électroniques |
|
LR9273BL-28-S08-R Fiches technique(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9273BL-28-S08-R Fiches technique(HTML) 8 Page - Unisonic Technologies |
|
8 / 9 page ![]() LR9273 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 9 www.unisonic.com.tw QW-R502-A30.c TYPICAL APPLICATION CIRCUIT Example of the Typical Application of UTC LR9273 (Fixed Output Type) Phase Compensation In these ICs, phase compensation is made with the output capacitor for securing stable operation even if the load current is varied. For this purpose, use as much as a capacitor as C2. Recommendation value is as follows: Mounting on PCB Make VDD and GND lines sufficient. If their impedance is high, a current flows, the noise picked up or unstable operation may result. Further use a 4.7μF or more value capacitor between VDD pin and GND pin as close as possible. Set an Output capacitor between VOUT pin and GND pin for phase compensation as close as possible. Technical Notes on Output Voltage Setting of Adjustable Output type VOUT ADJ GND I2 I3 1.0V R3 IIC RIC R2 VOUT |