| Moteur de recherche de fiches techniques de composants électroniques |
|
LR2965G-25-SH2-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR2965G-25-SH2-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() LR2965 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R102-061.B ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN -0.3 ~ 7 V Output Voltage OUT -0.3 ~ VIN+0.3 V Junction Temperature TJ +150 °C Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL RATINGS UNIT Input Voltage Range VIN 2.5 ~ 6.0 V Ambient Temperature Range TA -40 ~ 85 °C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 90 °C/W Junction to Case θJC 45 °C/W |