| Moteur de recherche de fiches techniques de composants électroniques |
|
TSS901EA/883 Fiches technique(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS901EA/883 Fiches technique(HTML) 14 Page - ATMEL Corporation |
|
14 / 31 page ![]() 14 TSS901E Rev. C – 24-Aug-01 HOSTBIGE I 1: host I/F Big Endian 0: host I/F Little Endian BOOTLINK I 1: control by link 0: control by host CMCS(1:0)* O/Z Communication memory select lines. These pins are asserted as chip selects for the corresponding banks of the communication memory. 825 CMRD* O/Z Communication memory read strobe. This pin is asserted when the TSS901E reads data from memory. 825 CMWR* O/Z Communication memory write strobe. This pin is asserted when the TSS901E writes to data memory. 825 CMADR(15:0) O/Z Communication memory address. The TSS901E outputs an address on these pins. 825 CMDATA(31:0) IOZ Communication memory data. The TSS901E inputs and outputs data from and to com. memory on these pins. 350 COCI I Communication interface ’occupied’ input signal 3 50 COCO O/Z Communication interface ’occupied’ output signal CAM I Communication interface arbitration master input signal 1: master 0: slave CPUR* O/Z CPU Reset Signal 3 50 SES(3:0)* O/Z Specific External Signals 3 50 LDI1 I Link Data Input channel 1 LSI1 I Link Strobe Input channel 1 LDO1 O/Z Link Data Output channel 1 12 25 LSO1 O/Z Link Strobe Output channel 1 12 25 LEN1 O/Z Link Enable Out (for external drivers) 3 50 LDI2 I Link Data Input channel 2 LSI2 I Link Strobe Input channel 2 LDO2 O/Z Link Data Output channel 2 12 25 LSO2 O/Z Link Strobe Output channel 2 12 25 LEN2 O/Z Link Enable Out (for external drivers) 3 50 LDI3 I Link Data Input channel 3 LSI3 I Link Strobe Input channel 3 LDO3 O/Z Link Data Output channel 3 12 25 LSO3 O/Z Link Strobe Output channel 3 12 25 LEN3 O/Z Link Enable Out (for external drivers) 3 50 TRST* I Test Reset. Resets the test state machine. Signal Name Type Function max. output current [mA] load [pF] |