| Moteur de recherche de fiches techniques de composants électroniques |
|
LR6401MG-AG6-R Fiches technique(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR6401MG-AG6-R Fiches technique(HTML) 7 Page - Unisonic Technologies |
|
7 / 8 page ![]() LR6401 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 8 www.unisonic.com.tw QW-R502-332.P TYPICAL CHARACTERISTICS(Cont.) 0.5 1.0 0 Time (ms) 0 50 -50 2.8 3.8 Input Transient Reponse (VOUT=1.8V) Input Transient Reponse (VOUT=3.3V) 0.5 0 Time (ms) IOUT=1mA TA=25°C CIN=COUT=1μF 0 20 -20 4.3 5.3 IOUT=100mA TA=25°C CIN=COUT=1μF 0 0.5 1.0 0 Time (ms) Input Transient Reponse (VOUT=3.3V) IOUT=30mA TA=25°C CIN=COUT=1μF 0 50 -50 4.3 5.3 Input Transient Reponse (VOUT=3.3V) 0.5 1.0 0 Time (ms) 0 50 -50 IOUT=100mA TA=25°C CIN=COUT=1μF 4.3 5.3 0 Load Transient Response (VOUT=1.8V) CIN=COUT1=1μF IOUT1=10mA~50mA VIN=2.8V -20 0 20 10 50 0.5 1.0 0 Time (ms) 0.5 1.0 0 Time (ms) Load Transient Response (VOUT=1.8V) -50 0 50 10 100 CIN=COUT1=1μF IOUT1=10mA~100mA VIN=2.8V 1.0 |