| Moteur de recherche de fiches techniques de composants électroniques |
|
XM2S-1513 Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XM2S-1513 Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 14 page ![]() D-sub Connectors XM3/XM2S 1 D-sub Connectors XM3/XM2S The D-sub Connector are Ideal for Office Automation Interfacing • Shielded against EMI. • Multi-hole, ferrite-core Connectors (XM3B-F) offers space-sav- ing design and superior noise protection at high frequency. • Rugged, compact, metallized plastic hood (XM2S) provides excellent noise protection. • Conforms to UL standards. (No. E103202) (XM2S hoods and other models not included.) • Available with many kinds of standard Anchors and grounding fixtures. • RoHS Compliant. Connectors and Hoods Model XM3B XM3B-F Type Sockets with Right-angle DIP Terminals Sockets with Right-angle DIP Terminals and ferrite core Appearance Model XM3C XM3F XM3A XM3D Type Plugs with Right-angle DIP Terminals Sockets with Straight DIP Terminals Plugs with Solder Cup Terminals Sockets with Solder Cup Terminals Appearance Model XM2S XM2S-E Type Straight Cable Connection Metallized Plastic Right Angle Cable Connection Metallized Plastic for 9 and 25 terminal models Straight Cable Connection, with ESD Production for 9 terminal models Appearance |
Numéro de pièce similaire - XM2S-1513 |
|
Description similaire - XM2S-1513 |