| Moteur de recherche de fiches techniques de composants électroniques |
|
XM2S-E Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XM2S-E Fiches technique(HTML) 7 Page - Omron Electronics LLC |
|
7 / 14 page ![]() D-sub Connectors XM3/XM2S 7 XM3A Plugs with Solder-cup Terminals XM3D Sockets with Solder-cup Terminals Dimensions Ordering Information Note: 25-contact model shown above. Note: 25-contact model shown above. N 12 N-1 E 12.4 8.35 GF D C B A 5.9 8.25 1.5 Two, 3.1 dia. 1.48 dia. 1 2 N-1 N E 12.4 7.9 GF D C B A 6.1 8.45 1.5 Two, 3.1 dia. 1.53 dia. XM3A- @@21 No. of contacts ABCD E F G 9 30.7 24.99 16.91 10.96 8.22 2.74 1.37 15 39.0 33.32 25.25 19.18 16.44 2.74 1.37 25 52.9 47.04 38.96 33.12 30.36 2.76 1.38 37 69.2 63.50 55.42 49.68 46.92 2.76 1.38 (unit:mm) XM3D- @@21 No. of contacts ABCD E F G 9 30.7 24.99 16.33 10.96 8.22 2.74 1.37 15 39.0 33.32 24.66 19.18 16.44 2.74 1.37 25 52.9 47.04 38.38 33.12 30.36 2.76 1.38 37 69.2 63.50 54.84 49.68 46.92 2.76 1.38 Appearance No. of contacts Plugs Sockets 9 XM3A-0921 XM3D-0921 15 XM3A-1521 XM3D-1521 25 XM3A-2521 XM3D-2521 37 XM3A-3721 XM3D-3721 |