| Moteur de recherche de fiches techniques de composants électroniques |
|
XP3B Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XP3B Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 8 page ![]() 1 Electroformed Probe Pins XP3B Highly Reliable Electroformed Probe Pins. Outer spring type. • Plunger structure to ensure stable contact. • High durability due to the smooth end surfaces achieved with electroforming. ■Feature ●Plunger structure to ensure stable contact. ●Plunger Tip Shapes. Plunger tip shapes other than those shown below can also be manufactured. ●Plunger structure ensures stable and constant plunger contact. ■Usage Example D R S Standard Probe Pin Electroformed Probe Pin (Cross-section diagram) Upper machined plunger Upper plunger Tube Spring Lower machined plunger Spring Upper electroformed plunger Lower electroformed plunger Conductive Path Upper plunger Conductive Path Tube Lower plunger Lower plunger (Contact Sections Enlarged) Contact sections Device Solder ball IC test socket Electroformed probe PCB |
Numéro de pièce similaire - XP3B |
|
Description similaire - XP3B |