Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THAT1240 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

THAT1240 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  THAT1240 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Information
The THAT 1240 series is available in both 8-pin
mini-DIP and 8-pin SOIC packages. The package di-
mensions are shown in Figures 8 and 9, while the
pinouts are given in Table 1.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Rev. 04/29/02
Page 7
Preliminary Information
B
A
K
F
H
E
D
G
J
C
ITEM
A
B
C
D
E
F
G
H
J
K
1
MILLIMETERS
9.52 0.10
6.35 0.10
7.49/8.13
0.46
2.54
3.68/4.32
0.25
3.18 0.10
8.13/9.40
3.30 0.10
±
±
±
±
INCHES
0.375
0.250 0.004
0.295/0.320
0.018
0.100
0.145/0.170
0.010
0.125 0.004
0.320/0.370
0.130 0.004
±0.004
±
±
±
Figure 8. -P (DIP) version package outline drawing
0.41/1.27
H
0.016/0.05
0.228/0.244
0.0075/0.0098
0.053/0.068
0.014/0.018
0.189/0.196
INCHES
0.150/0.157
G
H
F
C
B
D
F
G
D
E
A
B
C
ITEM
MILLIMETERS
0.36/0.46
0.19/0.25
1.35/1.73
1.27
4.80/4.98
3.81/3.99
5.80/6.20
0.050
A
E
Figure 9. -S (SO) version package outline drawing



Html Pages

1 2 3 4 5 6 7 8