Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TH7888A Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Fiches technique(HTML) 2 Page - ATMEL Corporation

  TH7888A Datasheet HTML 1Page - ATMEL Corporation TH7888A Datasheet HTML 2Page - ATMEL Corporation TH7888A Datasheet HTML 3Page - ATMEL Corporation TH7888A Datasheet HTML 4Page - ATMEL Corporation TH7888A Datasheet HTML 5Page - ATMEL Corporation TH7888A Datasheet HTML 6Page - ATMEL Corporation TH7888A Datasheet HTML 7Page - ATMEL Corporation TH7888A Datasheet HTML 8Page - ATMEL Corporation TH7888A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
TH7888A
1999A–IMAGE–09/03
Figure 1. TH7888A General Sensor Organization
Functional Overview
Extra dark lines are provided for use as dark references or for smearing digital correc-
tion.
Extra dark pixels are provided for dark line reference clamping. Each frame consists of
1056 video lines:
•
1 dummy line
•
12 useful dark reference lines (with optical shield)
•
3 isolation lines
•
1024 useful lines
•
3 isolation lines
•
12 dark reference lines (with optical shield)
•
1 dummy line
Each video line is made up of 546 or 1058 elements, depending on the readout mode
(single or dual port mode):
•
12 inactive prescan elements
•
1 isolation prescan element
•
16 useful dark references (with optical shield)
•
5 isolation elements
•
512 or 1024 useful video pixels
1024 x 1024
Image Area
1024 x 1024
Memory Area
ΦP1,2,3,4
ΦM1,2,3,4
ΦA
ΦR
ΦL1-6
VA
ΦM
ΦR
VDR
VDD2
VOS2
VS2
VGS
VDR
VDD1
VOS1
VS1
VGS
Bi-directional Serial Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21