| Moteur de recherche de fiches techniques de composants électroniques |
|
EALP05RDJYA3 Fiches technique(PDF) 2 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
EALP05RDJYA3 Fiches technique(HTML) 2 Page - Everlight Electronics Co., Ltd |
|
2 / 9 page ![]() DATASHEET Lamp EALP05RDJYA3 2 Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 26.Nov.2012. Issue No: 1 Rev:1 www.everlightamericas.com Device Selection Guide Chip Lens Color Material Emitted Color AlGaInP Brilliant Yellow Water Clear Absolute Maximum Ratings (Ta=25 ) ℃ ℃ ℃ ℃ Parameter Symbol Rating Unit Reverse Voltage VR 5 V Forward Current IF 50 mA Peak Forward Current (Duty 1/10 @1KHz) IFP 160 mA Power Dissipation Pd 120 mW Operating Temperature Topr -40 ~ +85 ℃ Storage Temperature Tstg -40 ~ +100 ℃ ESD ESDHBM 2000 V Soldering Temperature Tsol 260 ℃ for 5 sec. |