Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCAN182245CSSMQB Fiches technique(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SCAN182245CSSMQB
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245CSSMQB Fiches technique(HTML) 16 Page - National Semiconductor (TI)

Back Button SCAN182245CSSMQB Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 14Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 15Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 16Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 17Page - National Semiconductor (TI) SCAN182245CSSMQB Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering Information
SCAN
18
2245
A
SS
C
X
Serially Controlled Access Network
Special Variations
X e Tape and Reel
18-Bit Logic
QB e Military grade device with
environmental and burn-in
Function Type
processing
Technology Designator
Temperature Range
T e TTL Input TTL Output CMOS Device
C e Commercial (b40 Cto
C e CMOS InputOutput CMOS Device
a
85 C)
B e Bipolar TTL Device
M e Military (b55 Cto a125 C)
E e ECL Device
A e BiCMOS Device
Package Code
F e TTL InputCMOS Output CMOS Device
SS e 25 mil Pitch (JEDEC) SSOP
F e 25 mil Pitch Ceramic Flatpak
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18