| Moteur de recherche de fiches techniques de composants électroniques |
|
SCAN182245ASSC Fiches technique(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SCAN182245ASSC Fiches technique(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 18 page ![]() Ordering Information SCAN 18 2245 A SS C X Serially Controlled Access Network Special Variations X e Tape and Reel 18-Bit Logic QB e Military grade device with environmental and burn-in Function Type processing Technology Designator Temperature Range T e TTL Input TTL Output CMOS Device C e Commercial (b40 Cto C e CMOS InputOutput CMOS Device a 85 C) B e Bipolar TTL Device M e Military (b55 Cto a125 C) E e ECL Device A e BiCMOS Device Package Code F e TTL InputCMOS Output CMOS Device SS e 25 mil Pitch (JEDEC) SSOP F e 25 mil Pitch Ceramic Flatpak http www nationalcom 16 |