| Moteur de recherche de fiches techniques de composants électroniques |
|
RC2202AT Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RC2202AT Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 17 page ![]() RC220x ©2005 Radiocrafts AS RC220x Data Sheet (rev. 1.0) Page 2 of 17 Quick Product Introduction The RC220x series of modules are specially designed to meet the IEEE 802.15.4 standard used by ZigBee and a variety of proprietary network protocols. Using the module together with the Chipcon / Figure 8 Wireless Z-stack or any other ZigBee network implementation makes it a powerful platform to build any ZigBee profile and application. The module contains qualified RF hardware and enough processor power to run the complete ZigBee mesh network protocol for a full function device including the application. Using a pre-qualified module is the fastest way to make a ZigBee product and shortest time to market. Because it contains all the RF HW and MCU resources you need in a 100% RF tested and pre-qualified module shorten the qualification and approval process. No RF design or expertise is required to add powerful wireless networking to the product. As an option you can even get the module with integrated antenna or coaxial MMCX connector. In the simplest case like a home light remote control you only need an external battery and a pushbutton. You may find more general information on how to build a ZigBee application Radiocrafts application note AN003. Typical Application Circuit Below is shown a Serial Port application circuit. The JTAG and ISP are also shown. Full resolution schematic is found in RC2200_Application_Circuit_SPP_1_0.pdf |