| Moteur de recherche de fiches techniques de composants électroniques |
|
PI49FCT804TP Fiches technique(PDF) 6 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI49FCT804TP Fiches technique(HTML) 6 Page - Pericom Semiconductor Corporation |
|
6 / 6 page ![]() 6 PS7005B 06/26/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI49FCT804T Buffer/ClockDriver Pericom Semiconductor Corporation 2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com r e b m u N t r a Pe d o C g n i k r a M p T 4 0 8 T C F 9 4 I Pp T 4 0 8 T C F 9 4 I P p T A 4 0 8 T C F 9 4 I PA p T 4 0 8 T C F 9 4 I P OrderingInformation Note: p = Package Types: Q = 150-mil QSOP; S = 300-mil SOIC 16-Pin 300-Mil Wide SOIC (S) SEATING PLANE .050 BSC 1 16 0-8˚ .2914 .2992 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 7.40 7.60 .398 .413 10.10 10.50 1.27 .0926 .1043 2.35 2.64 .394 .419 10.00 10.65 .0040 .0118 0.10 0.30 .013 .020 .020 .030 0.33 0.51 0.508 0.762 .0091 .0125 0.254 0.737 .010 .029 x 45˚ 0.23 0.32 .016 .050 0.41 1.27 16-Pin 150-Mil Wide QSOP (Q) .189 .197 .053 .069 .004 .010 SEATING PLANE .025 BSC .007 .010 .228 .244 1 16 .150 .157 .016 .050 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 0.635 4.80 5.00 1.35 1.75 5.79 6.19 0.101 0.254 .008 .012 0.203 0.305 3.81 3.99 0.178 0.254 0.38 0.41 1.27 .008 0.203 .015 x 45 ° REF Detail A Detail A .008 0.20 MIN. Guage Plane .010 0.254 .041 1.04 REF .016 .035 0.41 0.89 0˚-6˚ .008 .013 0.20 0.33 |