Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87322VF Fiches technique(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Fiches technique(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 28Page - National Semiconductor (TI) PC87322VF Datasheet HTML 29Page - National Semiconductor (TI) PC87322VF Datasheet HTML 30Page - National Semiconductor (TI) PC87322VF Datasheet HTML 31Page - National Semiconductor (TI) PC87322VF Datasheet HTML 32Page - National Semiconductor (TI) PC87322VF Datasheet HTML 33Page - National Semiconductor (TI) PC87322VF Datasheet HTML 34Page - National Semiconductor (TI) PC87322VF Datasheet HTML 35Page - National Semiconductor (TI) PC87322VF Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
40 FDC Command Set Description (Continued)
TLC11870 – 10
Notes
FE e Data Pattern of FE Clock Pattern of C7
FC e Data Pattern of FC Clock Pattern of D7
FB e Data Pattern of FB Clock Pattern of C7
F8 e Data Pattern of F8 Clock Pattern of C7
A1 e Data Pattern of A1 Clock Pattern of 0A
C2 e Data Pattern of C2 Clock Pattern of 14
All byte counts in decimal
All byte values in hex
CRC uses standard polynomial x16 a x12 a x5 a 1
Perpendicular Format GAP2 e 41 bytes for 1 Mbs
All other data rates use GAP2 e 22 bytes
FM mode is not guaranteed through functional testing
FIGURE 4-1 IBM Perpendicular and ISO Formats Supported by Format Command
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84