Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC8260 Fiches technique(PDF) 19 Page - ATMEL Corporation

No de pièce PC8260
Description  PowerPC-based Communications Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260 Fiches technique(HTML) 19 Page - ATMEL Corporation

Back Button PC8260 Datasheet HTML 15Page - ATMEL Corporation PC8260 Datasheet HTML 16Page - ATMEL Corporation PC8260 Datasheet HTML 17Page - ATMEL Corporation PC8260 Datasheet HTML 18Page - ATMEL Corporation PC8260 Datasheet HTML 19Page - ATMEL Corporation PC8260 Datasheet HTML 20Page - ATMEL Corporation PC8260 Datasheet HTML 21Page - ATMEL Corporation PC8260 Datasheet HTML 22Page - ATMEL Corporation PC8260 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19
PC8260 PowerQUICC II
2131B–HIREL–02/03
Symbols used in Table 2 are described in Table 4.
Table 3. Symbol Legend
OVERBAR
Signals with overlines, such as TA, are active low
UTM
Indicates that a signal is part of the UTOPIA master interface
UTS
Indicates that a signal is part of the UTOPIA slave interface
2UT8
Indicates that a signal is part of the 8-bit UTOPIA interface
UT16
Indicates that a signal is part of the 16-bit UTOPIA interface
MII
Indicates that a signal is part of the media independent interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53