Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADCMP391 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADCMP391
Description  Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADCMP391 Fiches technique(HTML) 5 Page - Analog Devices

  ADCMP391 Datasheet HTML 1Page - Analog Devices ADCMP391 Datasheet HTML 2Page - Analog Devices ADCMP391 Datasheet HTML 3Page - Analog Devices ADCMP391 Datasheet HTML 4Page - Analog Devices ADCMP391 Datasheet HTML 5Page - Analog Devices ADCMP391 Datasheet HTML 6Page - Analog Devices ADCMP391 Datasheet HTML 7Page - Analog Devices ADCMP391 Datasheet HTML 8Page - Analog Devices ADCMP391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADCMP391/ADCMP392/ADCMP393
Rev. D | Page 5 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC 1
IN– 2
IN+ 3
GND 4
NIC
8
VCC
7
OUT
6
NIC
5
ADCMP391
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
Figure 4. ADCMP391 Pin Configuration
Table 4. ADCMP391 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 8
NIC
Not Internally Connected
2
IN−
Comparator Inverting Input
3
IN+
Comparator Noninverting Input
4
GND
Device Ground
6
OUT
Comparator Output, Open-Drain
7
VCC
Device Supply Input
OUTA 1
INA– 2
INA+ 3
GND 4
VCC
8
OUTB
7
INB–
6
INB+
5
ADCMP392
TOP VIEW
(Not to Scale)
Figure 5. ADCMP392 Pin Configuration
Table 5. ADCMP392 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Comparator A Output, Open-Drain
2
INA−
Comparator A Inverting Input
3
INA+
Comparator A Noninverting Input
4
GND
Device Ground
5
INB+
Comparator B Noninverting Input
6
INB−
Comparator B Inverting Input
7
OUTB
Comparator B Output, Open-Drain
8
VCC
Device Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17