Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRVR101 Fiches technique(PDF) 13 Page - International Rectifier

No de pièce IRVR101
Description  LIN Controlled Alternator Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRVR101 Fiches technique(HTML) 13 Page - International Rectifier

Back Button IRVR101 Datasheet HTML 7Page - International Rectifier IRVR101 Datasheet HTML 8Page - International Rectifier IRVR101 Datasheet HTML 9Page - International Rectifier IRVR101 Datasheet HTML 10Page - International Rectifier IRVR101 Datasheet HTML 11Page - International Rectifier IRVR101 Datasheet HTML 12Page - International Rectifier IRVR101 Datasheet HTML 13Page - International Rectifier IRVR101 Datasheet HTML 14Page - International Rectifier IRVR101 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.irf.com
Preliminary Data Sheet
13
International
Rectifier
IRVR101
Status Signals from the Regulator (E, F, and G)
3 bits used to indicate an electrical fault, mechanical fault, or high temperature.
E. High Temperature, 1 bit (1:0)
F. Mechanical fault, 1 bit (1:1)
G. Electrical, 1 bit (1:2)
Error indication
Byte 1
Bit:
210
High Temperature
001
Mechanical
010
Electrical
100
No fault present
000
Excitation Duty Cycle Signal from the Regulator (H)
5 bits (1:3-1:7), 32 values. Information needed for calculation of alternator output current
and torque.
PWM Field
Excitation Duty
Cycle
Byte 1
Bit:
76543
96.875 and 100%
11111
93.75
11110
90.625
11101
87.5
11100
84.375
11011
81.25
11010
78.125
11001
75
11000
71.875
10111
68.75
10110
65.625
10101
62.5
10100
59.375
10011
56.25
10010
53.125
10001
50
10000
46.875
01111
43.75
01110
40.625
01101
37.5
01100
34.375
01011
31.25
01010
28.125
01001
25
01000
21.875
00111
18.75
00110
15.625
00101
12.5
00100
9.375
00011
6.25
00010
3.125
00001
0
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15