Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM82PC12JM/A Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM82PC12JM/A
Description  8-Bit Input/Output Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82PC12JM/A Fiches technique(HTML) 7 Page - National Semiconductor (TI)

  MM82PC12JM/A Datasheet HTML 1Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 2Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 3Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 4Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 5Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 6Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 7Page - National Semiconductor (TI) MM82PC12JM/A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ordering Information
TLC5596 – 18
Note 1
Do not specify a temperature option all parts are screened to military temperature
Physical Dimensions inches (millimeters)
Ceramic Dual-In-Line Package (J)
Order Number MM82PC12J
NS Package J24A
Molded Dual-In-Line Package (N)
Order Number MM82PC12N
NS Package N24A
7



Html Pages

1 2 3 4 5 6 7 8