| Moteur de recherche de fiches techniques de composants électroniques |
|
ACPL-824 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-824 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
4 / 9 page ![]() 4 DIMENSIONSIN[MILLIMETERS]ANDINCHES DIMENSIONSIN[MILLIMETERS]ANDINCHES ACPL-844 Package Outline DIMENSIONSIN[MILLIMETERS]ANDINCHES ACPL-824 Package Outline – Option 300 ACPL-824 Package Outline – Option W00 0.40 ±0.02 10.16 ±0.50 0.272 ±0.020 6.90 ±0.50 0.30 ±0.01 7.62 ±0.30 0.01 0.26 0.09 ±0.02 2.30 ±0.50 0.10 ±0.01 2.54 ±0.25 0.381 ±0.020 9.68 ±0.50 0.11 ±0.02 2.80 ±0.50 0.02 ±0.00 0.50 ±0.10 0.138 ±0.020 3.50 ±0.50 0.256 6.50 A 824 YYWW DATE CODE PIN ONE DOT LEAD FREE 0.30 ±0.01 7.62 ±0.30 0.40 ±0.02 10.16 ±0.50 0.01 0.26 0.039 ±0.010 1 ±0.25 0.10 ±0.01 2.54 ±0.25 0.381 ±0.020 9.68 ±0.50 0.047 ±0.004 1.20 ±0.10 0.014 ±0.010 0.35 ±0.25 0.138 ±0.500 3.50 ±12.70 0.256 ±0.020 6.50 ±0.50 A 824 YYWW PIN ONE DOT LEAD FREE DATE CODE 0.30 ±0.01 7.62 ±0.30 [7.62 - 9.98] 0.3 - 0.39 0.01 0.26 0.10 ±0.01 2.54 ±0.25 0.11 ±0.02 2.80 ±0.50 0.781 ±0.020 19.84 ±0.50 0.138 ±0.020 3.50 ±0.50 0.02 TYP 0.50 0.130 ±0.020 3.30 ±0.50 0.02 ±0.00 0.50 ±0.10 0.256 ±0.020 6.50 ±0.50 A 844 YYWW PIN ONE DOT LEAD FREE DATE CODE |