Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RV8564C2 Fiches technique(PDF) 4 Page - Golledge Electronics Ltd

No de pièce RV8564C2
Description  RTC I C bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV8564C2 Fiches technique(HTML) 4 Page - Golledge Electronics Ltd

  RV8564C2 Datasheet HTML 1Page - Golledge Electronics Ltd RV8564C2 Datasheet HTML 2Page - Golledge Electronics Ltd RV8564C2 Datasheet HTML 3Page - Golledge Electronics Ltd RV8564C2 Datasheet HTML 4Page - Golledge Electronics Ltd RV8564C2 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RV8564C2 4/5
v1.0
SON 10-pin ceramic package with glass lid
Lead-free (< 0.1% by weight )
RoHS 2 compliant with no exemptions.
See our
declaration
REACH compliant.
See our statement
Free of conflict minerals.
See our declaration
Free of Halogens.
See our declaration
Free of Ozone-depleting substances.
See our
declaration
The RV8564C2 is manufactured by Micro Crystal and stocked
and supplied by Golledge.
An evaluation/development board for the RV8564C2 is also
available on request. Please contact our expert advisers
at sales@golledge.com for more information.
CONSTRUCTION
MATERIAL COMPOSITION
SUPPLY PARTNER
OTHER INFORMATION
BLOCK DIAGRAM



Html Pages

1 2 3 4 5