| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8143ACPZ-R2 Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8143ACPZ-R2 Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 24 page ![]() AD8143 Data Sheet Rev. A | Page 4 of 24 Parameter Test Conditions/Comments Min Typ Max Unit POWER-DOWN PERFORMANCE Power-Down VIH VS+ − 1.5 V Power-Down VIL VS+ − 2.5 V Power-Down IIH PD = VCC 1.0 µA Power-Down IIL PD = GND 800 µA Power-Down Assert Time 0.5 µs POWER SUPPLY Operating Range 4.5 24 V Quiescent Current, Positive Supply 44.0 57.5 mA Quiescent Current, Negative Supply 37.0 51.0 mA PSRR, Positive Supply DC −75 −71 dB PSRR, Negative Supply DC −82 −81 dB |