Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFBR-2310Z Fiches technique(PDF) 4 Page - Broadcom Corporation.

No de pièce AFBR-2310Z
Description  Fiber-Optic Receiver for Multi GHz Analog Links
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-2310Z Fiches technique(HTML) 4 Page - Broadcom Corporation.

  AFBR-2310Z Datasheet HTML 1Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 2Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 3Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 4Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 5Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 6Page - Broadcom Corporation. AFBR-2310Z Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AFBR-2310Z Data Sheet
Fiber-Optic Receiver for Multi GHz Analog Links
Broadcom
AV02-3183EN
4
Package Information
The AFBR-2310Z Receiver is housed in a TO-46 header,
joint to a robust FC plastic receptacle, as shown in Figure 3.
Figure 4 shows the mechanical outline of the flex.
A nut with washer is used to fix the receiver to the customer
box wall. The aperture in the box wall should be designed to
avoid rotation of the receptacle.
A dust cap is provided for shipping and should be used
whenever the receiver is not connected to a fiber patch cord.
Figure 3: Mechanical Layout of Analog Receiver. The flex is shown before bending. All dimensions are in mm.
ISO ( 5 : 1 )
7
12
4.7
1.4
0.9
9.4
Area of flex board
intended to be bent
Pad layout
pad #
function
pad 1
GND
pad 2
Vcc
pad 3
Vcc
pad 4
GND
pad 5
GND
pad 6
RF out
pad 7
GND
pad 1
15.5 MAX
M8x0.75
FC-port according to
IEC 61754-13
6.8
R4
18.8



Html Pages

1 2 3 4 5 6 7