Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR478L-25-S08-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce LR478L-25-S08-R
Description  REGULATORRESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR478L-25-S08-R Fiches technique(HTML) 6 Page - Unisonic Technologies

  LR478L-25-S08-R Datasheet HTML 1Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 2Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 3Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 4Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 5Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 6Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 7Page - Unisonic Technologies LR478L-25-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LR478
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R119-003.C
TIMING CHART
CONT
RESET
VIN
VOUT
5V
VS
0V
?Vs
H
L
5V
0V
5V
0V
tPLH1



Html Pages

1 2 3 4 5 6 7 8