Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7457BRT-R2 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD7457BRT-R2
Description  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7457BRT-R2 Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD7457BRT-R2 Datasheet HTML 11Page - Analog Devices AD7457BRT-R2 Datasheet HTML 12Page - Analog Devices AD7457BRT-R2 Datasheet HTML 13Page - Analog Devices AD7457BRT-R2 Datasheet HTML 14Page - Analog Devices AD7457BRT-R2 Datasheet HTML 15Page - Analog Devices AD7457BRT-R2 Datasheet HTML 16Page - Analog Devices AD7457BRT-R2 Datasheet HTML 17Page - Analog Devices AD7457BRT-R2 Datasheet HTML 18Page - Analog Devices AD7457BRT-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7457
Rev. 0 | Page 15 of 20
Table 5. SPORT0 Configuration
Bit
Setting
Comment/Description
ISCLK
1
Serial clock generated internally
SLEN
1111
16 bits of conversion data
RFSR
0
Receive frame sync required every
word
TFSR
Don’t care
Not used
IRFS
0
RFS is set to be an input and is
generated externally
ITFS
Don’t care
Not used
RFSW
1
Alternate receive framing
TFSW
Don’t care
Not used
INVRFS
0
RFS is active high
INVTFS
Don’t care
Not used
The flag to generate the CS signal is generated by SPORT1. It is
connected to both the ADC and the RFS input of SPORT0 to
provide the frame sync signal for the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20