Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC299M Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 74AC299M
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC299M Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 74AC299M Datasheet HTML 5Page - STMicroelectronics 74AC299M Datasheet HTML 6Page - STMicroelectronics 74AC299M Datasheet HTML 7Page - STMicroelectronics 74AC299M Datasheet HTML 8Page - STMicroelectronics 74AC299M Datasheet HTML 9Page - STMicroelectronics 74AC299M Datasheet HTML 10Page - STMicroelectronics 74AC299M Datasheet HTML 11Page - STMicroelectronics 74AC299M Datasheet HTML 12Page - STMicroelectronics 74AC299M Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74AC299
10/13
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E8.5
0.335
e2.54
0.100
e3
22.86
0.900
F7.1
0.280
I3.93
0.155
L3.3
0.130
Z1.34
0.053
P001J
Plastic DIP-20 (0.25) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13