| Moteur de recherche de fiches techniques de composants électroniques |
|
FT28HC256DI-90 Fiches technique(PDF) 13 Page - Force Technologies Ltd |
|
|
|||||||||||||||||||||||||||||
FT28HC256DI-90 Fiches technique(HTML) 13 Page - Force Technologies Ltd |
|
13 / 23 page ![]() FT28HC256 Characteristics subject to change without notice. 13 of 23 REV 1.0 CE Controlled Write Cycle Page Write Cycle Notes: (9) Between successive byte writes within a page wr ite operation, OE can be strobed LO W: e.g. this can be done with CE and WE HIGH to fetch data from another memory device within the system for the next write; or with WE HIGH and CE LOW effectively per- forming a polling operation. (10)The timings shown above are unique to page write operations. Individual byte load operations within the page write must conform to either the CE or WE controlled write cycle timing. Address tAS tOEH tWC tAH tOES tCS tDS tDH tCH CE WE OE Data In Data Out HIGH Z Data Valid tCW WE OE(9) Last Byte Byte 0 Byte 1 Byte 2 Byte n Byte n+1 Byte n+2 tWP tWPH tBLC tWC CE Address(10) I/O *For each successive write within the page write operation, A7–A15 should be the same or writes to an unknown address could occur. |