Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RIF-4-RSC-LV-120AC Fiches technique(PDF) 4 Page - PHOENIX CONTACT

No de pièce RIF-4-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RSC-LV-120AC Fiches technique(HTML) 4 Page - PHOENIX CONTACT

  RIF-4-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903283
07/23/2018   Page 4 / 6
Relay Module - RIF-4-RSC-LV-120AC/3X1 - 2903283
Circuit diagram
A2
A1
14
34
24
11
31
21
AC coils
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
20
30
40
50
60
70
80
Ambienttemperature[°C]
DCcoil(observecontactderating)
ACcoil(observecontactderating)
Operating voltage range
Diagram
0,1
0,2
0,3
0,5
10
20
10
20
30
50
70
100
300
200
500
1
2
5
Switchingvoltage[V]
AC,ohmicload
DC,ohmicload
Interrupting rating
Diagram
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
11
Ambienttemperature[°C]
DCcoil
ACcoil
Contact derating
Diagram
0
1
2
3
4
10
4
10
5
10
5
10
6
10
7
250VAC,ohmicload
Switchingcapacity[kVA]
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor



Html Pages

1 2 3 4 5 6