Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L08L-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 78L08L-S08-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78L08L-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  78L08L-S08-R Datasheet HTML 1Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 2Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 3Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 4Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 5Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 6Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 7Page - Unisonic Technologies 78L08L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 8
www.unisonic.com.tw
QW-R101-001.U
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
SOT-25
SOP-8
TO-92
TO-92NL
05:5.0V
06:6.0V
08:8.0V
09:9.0V
10:10V
12:12V
15:15V
18:18V



Html Pages

1 2 3 4 5 6 7 8